Part Number Hot Search : 
19010352 155320A 3020401 05012 MC34063 FODM3023 BRF1060 08A10
Product Description
Full Text Search
 

To Download 2SB647 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB647 / 2SB647A PNP General Purpose Transistors
P b Lead(Pb)-Free
3 2 2 3 1.EMITTER 3.BASE 2.COLLECTOR 1
1
TO-92MOD
MAXIMUM RATINGS(Ta=25C)
Rating
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Total Device Dissipation TA=25C Junction Temperature Storage Temperature
Symbol
VCEO VCBO VEBO IC PD Tj Tstg
Value
80 120 5.0 1000 900 +150 -55 to +150
Unit
V V V mA mW C C
WEITRON
http://www.weitron.com.tw
1/5
09-Dec-08
2SB647 / 2SB647A
ELECTRICAL CHARACTERISTICS (TA=25C unless otherwise specified)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage 2SB647 V(BR)CEO 2SB647A Emitter-base breakdown voltage Collector cut-off current 2SB647 2SB647A DC current gain hFE(2) Collector-emitter saturation voltage Transition frequency VCEsat VCE=-5 V, IC= -500mA IC=-500mA, IB=-50mA VCE=-5V, IC= -150mA VCE=-10V, IE=0 f=1 MHz 30 140 -1 V MHz V(BR)EBO ICBO hFE(1)* IE= -10? A, IC=0 VCB= -100 V, IE=0 VCE=-5 V, IC= -150mA IC=-1mA , IB=0 Symbol V(BR)CBO Test conditions MIN -120 -80 -100 -5 60 60 MAX -10 320 200 UNIT V V V ?A -
Ic= -10? A , IE=0
fT Cob
Output capacitance
20
pF
CLASSIFICATION OF hFE Rank
2SB647 Range 2SB647A 60-120 100-200 B 60-120 C 100-200 D 160-320
WEITRON
http://www.weitron.com.tw
2/5
09-Dec-08
2SB647 / 2SB647A
Typical Characteristics
WEITRON
http://www.weitron.com.tw
3/5
09-Dec-08
2SB647 / 2SB647A
WEITRON
http://www.weitron.com.tw
4/5
09-Dec-08
2SB647 / 2SB647A
TO-92MOD Outline Dimensions
G
unit:mm
TO-92MOD
J
D
C
K L
Dim A B C D E G J K L M
M in M ax 4.70 5.10 1.73 2.03 0.40 0.60 0.90 1.10 0.40 0.50 5.80 6.20 8.40 8.80 1.50Typ 2.90 3.10 12.20 13.45
B
M
WEITRON
http://www.weitron.com.tw
E
A
5/5
09-Dec-08


▲Up To Search▲   

 
Price & Availability of 2SB647

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X